Part Number Hot Search : 
B2403 BZT03D33 XO5163 AP4415GH DFP730 18D220K 12NQ03L MSP2305
Product Description
Full Text Search
 

To Download SDR0602-181KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27, 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. *rohs compliant sdr0602 series - smd high power inductor features available in e12 series unit height of 2.2 mm current up to 1.5 a high q level rohs compliant* electrical specifications product dimensions 5.8 0.2 (.229 .008) 2.2 0.2 (.087 .008) 5.0 0.2 (.196 .008) 1.4 (.055) typ. 2 1 4 3 1.4 (.055) typ. general specifications test voltage ....................................1 volt reflow soldering .....260 ?c, 50 sec max. operating temperature ..-40 c to +125 c (temperature rise included) storage temperature..-40 c to +125 c packaging.....................800 pcs. per reel resistance to soldering heat ..................................260 c for 5 sec. materials core material ..........................ferrite dq wire ............................enameled copper terminal.....................................ag/ni/sn rated current...ind. drop 10 % typ. at isat temperature rise...40 ?c max at rated irms recommended layout 6.0 (.236) 5.2 (.204) 1.5 (.059) typical part marking 3 4 1 2 470 marking dot between terminal 1 and 4 4 1 winding start inductance 1khz q test srf rdc i rms i sat bourns part no. ( h) tol. % ref. frequency min. max. max. typ. (mhz) (mhz) ( ? ) (a) (a) sdr0602-2r7ml 2.7 20 20 7.96 40 0.12 1.50 2.10 sdr0602-3r9ml 3.9 20 20 7.96 40 0.13 1.40 1.90 sdr0602-4r7ml 4.7 20 20 7.96 35 0.15 1.30 1.80 sdr0602-5r6ml 5.6 20 18 7.96 30 0.17 1.20 1.60 sdr0602-6r8ml 6.8 20 18 7.96 28 0.18 1.15 1.55 sdr0602-8r2ml 8.2 20 15 7.96 27 0.20 1.10 1.43 sdr0602-100ml 10 20 50 2.52 25 0.24 1.00 1.32 sdr0602-120ml 12 20 45 2.52 21 0.26 0.90 1.17 sdr0602-150ml 15 20 45 2.52 20 0.28 0.80 1.10 sdr0602-180ml 18 20 45 2.52 18 0.30 0.75 1.07 sdr0602-220ml 22 20 45 2.52 16 0.40 0.70 0.90 sdr0602-270ml 27 20 40 2.52 15 0.45 0.65 0.83 sdr0602-330kl 33 10 35 2.52 12 0.50 0.60 0.73 sdr0602-390kl 39 10 32 2.52 12 0.65 0.55 0.68 sdr0602-470kl 47 10 30 2.52 11 0.68 0.50 0.62 sdr0602-560kl 56 10 30 2.52 10 0.78 0.45 0.57 sdr0602-680kl 68 10 27 2.52 9 0.85 0.40 0.52 sdr0602-820kl 82 10 27 2.52 8 1.30 0.35 0.46 sdr0602-101kl 100 10 50 0.796 7 1.52 0.32 0.42 sdr0602-121kl 120 10 50 0.796 6 1.65 0.30 0.38 sdr0602-151kl 150 10 60 0.796 6 2.00 0.26 0.24 SDR0602-181KL 180 10 55 0.796 5 2.30 0.23 0.32 sdr0602-221kl 220 10 55 0.796 5 2.50 0.20 0.29 sdr0602-271kl 270 10 55 0.796 4 2.85 0.18 0.26 sdr0602-331kl 330 10 55 0.796 4 3.80 0.16 0.22 sdr0602-391kl 390 10 55 0.796 3 4.20 0.15 0.20 sdr0602-471kl 470 10 55 0.796 3 5.00 0.14 0.18 sdr0602-561kl 560 10 55 0.796 3 6.20 0.12 0.14 dimensions: mm (inches) *rohs compliant electrical schematic the sdr0602 series is currently available, although not recommended for new designs.
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. rev. 09/23/10 sdr0602 series - smd power inductors packaging specifications 14.0 ( 551) 16.5 (.650) 2.0 0.5 (.079 .020) 50.0 (1.969 178.0 (7.00) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. user direction of feed 160 (6.299) no component no component components 3200 (125.984) 400 (15.748) start 4 (.157) 2.5 (.098) 12 (.472) end 8 (.315) 470 470 470 0.3 (.012) 6.1 (.240) 1.5 (.060) dia. 5.4 (.212) 1.55 (.061) dia. 5.5 (.217) qty: 800 pcs. per reel dimensions: mm (inches) applications input/output of dc/dc converters power supplies for: ? portable communication equipment ? camcorders ? lcd tvs ? car radios


▲Up To Search▲   

 
Price & Availability of SDR0602-181KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X